Part Number Hot Search : 
1N963 AT1601 A1412 55C20 89C51 RDL212 1050C PRTR5V0
Product Description
Full Text Search
 

To Download 1426885520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOE-Sicherungseinsatze
fur Nennspannungen bis 58 V
Isolierkorper: Isolierkorper: aus Thermoplast (UL 94-V0, warmeformbestandig) Abdeckung: aus Thermoplast (V0, transparent) Schmelzleiter sichtbar Anschlusse: Flachstecker E-Cu 58 F 30 DIN 1787, gal. Sn 4 m min., kantengeschutzt Industrieverpackung: 1000 St.
TOE-fuse-links
for rated voltage up to 58 V
Insulating Insulating body: out of thermoplastic (UL 94-V0 heat-resistant) Cover: out of thermoplastic (V0, transparent) visible melting-element Connections: Blade contacts E-Cu 58 F 30 DIN 1787, gal. Sn 4 m min., edge-protected Industry-packaging: 1000 pcs.
Mae inin mm / Mae mm / Dimensions inin mm / dimensions mm / Dimensions en mm dimensions en mm
TOE-Cartouches fusibles
pour tension nom. jusqu'a 58 V
Corps Corps Isolants: de matiere thermoplastique (UL 94-V0 resistante a la chaleur) Capuchon: de matiere thermoplastique (V0, transparent) filament visible Connexions: Contacts plats E-Cu 58 F 30 DIN 1787, gal. Sn 4 m min., bords proteges Emballage-industriel: 1000 pcs.
DIN 72581-3 UL 248 Special Purpose Fuses cULus Recognized: File No. E211637 geschlossene Bauform closed construction conception fermee
Bestell-Nr. Order-No. Order-No. Nennstrom Rated current Intensite nom. I N /I rat Nennspannung Rated voltage Tension nom. U N/U rat Kaltwiderstand Coldresistance Res. a froid RK Kennfarbe Colour-code Code couleur Spannungsfall Voltage drop Chute de tension UD Standard PUDENZ DIN 72581-3 O Schaltvermogen Breaking capacity Pouvoir de coupure IB Schmelzintegral Joule integral Integral de Joule I2t
142.6885.520_ 142.6885.530_ 142.6885.540_ 142.6885.550_ 142.6885.560_ 142.6885.570_
20 A 30 A 40 A 50 A 60 A 70 A
58 V 58 V 58 V 58 V 58 V 58 V
3,30 m 2,00 m 1,40 m 1,20 m 0,86 m 0,73 m
gelb / yellow / jaune hellgrun / light green / vert clair orange / orange / orange rot / red / rouge hellblau / light blue / bleu claire braun / brown / brun
125 mV 100 mV 100 mV 100 mV 100 mV 100 mV
100 mV 85 mV 80 mV 75 mV 70 mV 75 mV 1.000 A 58 V, DC
1.900 As 6.000 As 12.000 As 26.000 As 45.000 As 70.000 As
Schmelzzeit-Grenzwerte DIN
IN /Irat 1,00 IN/Irat min. min. 1,35 IN/Irat max.
Pre-arcing time-limits
2,00 IN/Irat min. max. min. 3,50 IN/Irat max.
Temps de fusion limits
6,00 IN/Irat min. max.
20 A - 70 A
100 h
60 s
1.800 s
2s
60 s
200 ms
7s
40 ms
1s
100 h FI = 1,43 (max. Dauerstrom: 0,7 x IN / max. operating current: 0,7 x Ira t / max. courant permanent: 0,7 x Irat bei/at/a 23C)
Letzte Ziffer der Art.-Nr. = Verpackungsindex / Last figure of article-no. = packaging code / Dernier chiffre du numero darticle = code d emballage
14
AS2001


▲Up To Search▲   

 
Price & Availability of 1426885520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X